PART |
Description |
Maker |
KA75270 KA75270M KA75270Z KA75330Z KA75290M KA7529 |
Voltage Detector (4.5V) Voltage Detector (2.7V) Voltage Detector (4.2V) Voltage Detector (3.9V) Voltage Detector (2.9V) Voltage Detector (3.1V) Voltage Detector 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3 Voltage Detector 电压检测器 Voltage Detector
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
BU45L382G-TL BU46K322G-TL BU46K332G-TL BU46K324G B |
Voltage Detector with Fixed Delay Time
|
ROHM
|
RQ5RW RQ5RW29BA RQ5RW28AB-TR RQ5RW29AB-TR RQ5RW24A |
FAN 24VDC BISCUIT BD24A3 LED Lamp; Bulb Size:T-3; LED Color:Blue; Luminous Intensity:1500ucd; Viewing Angle:10 ; Forward Current:20mA; Forward Voltage:3.8V; Operating Temperature Range:-40 C to C; Color:Blue; Leaded Process Compatible:Yes RoHS Compliant: Yes CAP Tantalum-Wet Miniature 6V 27.0 uF /-20% Silver can Axial , TPC - Hilton SMALL PACKAGE VOLTAGE REGULATOR FIXED POSITIVE REGULATOR, PDSO4 SMALL PACKAGE VOLTAGE REGULATOR 2.8 V FIXED POSITIVE LDO REGULATOR, 0.06 V DROPOUT, PDSO4 SMALL PACKAGE VOLTAGE REGULATOR 4.8 V FIXED POSITIVE LDO REGULATOR, 0.04 V DROPOUT, PDSO4 1.3V 3.9W 24V-Input Isolated DC/DC Converter 10-SIP MODULE -40 to 85 FIXED POSITIVE REGULATOR, PDSO4 12V 10W 24V-Input Isolated DC/DC Converter 10-SIP MODULE -40 to 85 FIXED POSITIVE REGULATOR, PDSO4 SMALL PACKAGE VOLTAGE REGULATOR 2.3 V FIXED POSITIVE LDO REGULATOR, 0.09 V DROPOUT, PDSO4 SMALL PACKAGE VOLTAGE REGULATOR 4 V FIXED POSITIVE LDO REGULATOR, 0.04 V DROPOUT, PDSO4 SMALL PACKAGE VOLTAGE REGULATOR 4.6 V FIXED POSITIVE LDO REGULATOR, 0.04 V DROPOUT, PDSO4 SMALL PACKAGE VOLTAGE REGULATOR 4.5 V FIXED POSITIVE LDO REGULATOR, 0.04 V DROPOUT, PDSO4 SMALL PACKAGE VOLTAGE REGULATOR 3.1 V FIXED POSITIVE LDO REGULATOR, 0.06 V DROPOUT, PDSO4
|
Ricoh Co., Ltd. http:// RICOH COMPANY LTD RICOH electronics devic...
|
IP3R18AV-05 IP3R18AV-12 IP3R18AV-15 IP3R18V-15 IP1 |
5 AMP POSITIVE VOLTAGE REGULATORS Circular Connector; No. of Contacts:79; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:20-35 RoHS Compliant: No 5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PSFM3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 CAT5E PATCH CABLE 350MHZ, ST-PIN, USOC-BGE 12 V FIXED POSITIVE REGULATOR, MBFM2 Voltage Regulator 15 V FIXED POSITIVE REGULATOR, MBFM2 5.0 AMP POSITIVE VOLTAGE REGULATOR 12 V FIXED POSITIVE REGULATOR, PSFM3 Voltage Regulator 5 V FIXED POSITIVE REGULATOR, MBFM2 13W3 MALE-4BNC, MALE ADAPTER C
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd. Vishay Intertechnology, Inc. SEMELAB LTD
|
7P128FLF1200C20 7P128FLF1200C25 7P128FLF1201C20 7P |
VOLTAGE DETECTOR W/PUSH-PULL ACTIVE LOW OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R 周边杂项 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R 周边杂项 Peripheral Miscellaneous 周边杂项 High Density FLASH Memory Card 32, 64, 96, 128, 160, 192 MB(32, 64, 96, 128, 160, 192M字节高密度闪速存储器 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 5-DDPAK, T/R 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-DDPAK, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-TO-220, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-DDPAK, T/R 500mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R PeripheralMiscellaneous
|
Bourns, Inc.
|
42051 42051-055 42051-065 42051-075 42051-085 4205 |
14V DC; 5A; fixed three terminal negative voltage regulator. Military and Hi Rel industrial applications where hermetically sealed product is required XTAL MTL T/H HC49/US 5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS 18 V FIXED NEGATIVE REGULATOR, MBFM2 XTAL MTL T/H HC49/U 10 V FIXED NEGATIVE REGULATOR, MBFM2 5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS 22 V FIXED NEGATIVE REGULATOR, MBFM2 XTAL MTL T/H HC49/U 6 V FIXED NEGATIVE REGULATOR, MBFM2
|
MICROPAC[Micropac Industries] Micropac Industries, Inc.
|
OM1905N2M OM1912N2M |
Hi-Rel Fixed Voltage 3-Terminal Negative Regulator HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWING
|
International Rectifier
|
OM7664SC OM7662 OM7662SC OM7663SC OM7662ST OM7663S |
Hi-Rel Fixed Voltage 3-Terminal Positive Regulator ISOLATED HERMETIC TO-258AA FIXED POSITIVE VOLTAGE REGULATORS 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压
|
List of Unclassifed Man... International Rectifier List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. Omnirel
|
|